Part Number Hot Search : 
SP7686 60112 NL2016 EC3B26 9NC60 B13007D 2SK2983 2SK800
Product Description
Full Text Search
 

To Download CTA3FM1ASQ61 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CTA3
FEATURES: * Large switching capacity up to 80A * Small size and light weight * PCB pin and quick connect mounting available * Suitable for automobile and lamp accessories * QS-9000, ISO-9002 Certified Manufacturing 28.5 x 28.5 x 26.5 (40.0) mm
CONTACT DATA
Contact Arrangement 1A = SPST N.O. 1B = SPST N.C. 1C = SPDT 1U = SPST N.O. (2 terminals) Contact Configuration Standard 1A 60A @ 14VDC 1B 40A @ 14VDC 1C 60A @ 14VDC N.O. 40A @ 14VDC N.C. 1U 2x25A @ 14VDC < 30 milliohms initial AgSnO2In2O3 980W 75VDC 80A
Contact Rating
Heavy Duty 80A @ 14VDC 70A @ 14VDC 80A @ 14VDC N.O. 70A @ 14VDC N.C. 2x25A @ 14VDC
Contact Resistance Contact Material Maximum Switching Power Maximum Switching Voltage Maximum Switching Current
COIL DATA
Coil Voltage VDC Coil Resistance 10% Pick Up Voltage VDC (max) 75% of rated voltage Release Voltage VDC (min) 10% of rated voltage Coil Power W Operate Time ms Release Time ms
Rated
Max.
6 12 24
7.8 15.6 31.2
1.8W 20 80 320
4.2 8.4 16.8
0.6 1.2 2.4
1.8
7
5
CAUTION: 1. The use of any coil voltage less than the rated coil voltage may compromise the operation of the relay. 2. Pickup and release voltages are for test purposes only and are not to be used as design criteria.
GENERAL DATA
Electrical Life @ rated load Mechanical Life Insulation Resistance Dielectric Strength, Coil to Contact Contact to Contact Shock Resistance Vibration Resistance Terminal (Copper Alloy) Strength Operating Temperature Storage Temperature Solderability Weight 100K cycles, typical 10M cycles, typical 100M min @ 500VDC 500V rms min. @ sea level 500V rms min. @ sea level 147m/s2 for 11ms 1.5mm double amplitude 10-40Hz 8N (Quick Connect), 4N (PCB Pins) -40 C to + 85 C -40 C to + 155 C 230 C 2 C for 10 0.5s 46g
Distributor: Electro-Stock www.electrostock.com Tel: 630-682-1542 Fax: 630-682-1562
CTA3
Distributor: Electro-Stock www.electrostock.com Tel: 630-682-1542 Fax: 630-682-1562
ORDERING INFORMATION
1. Series: CTA3F 1C S CTA3 standard CTA3F with mounting flange CTA3M with metal bracket 2.Contact Arrangement: 1A = SPST N.O. 1B = SPST N.C. 1C = SPDT 1U = SPST N.O. **Only available with standard contacts 3. Sealing Options: S = Sealed C = Dust Cover 4. Termination Options: P = PCB Pins Q = Quick Connect 5. Coil Voltage: 6VDC 12VDC 24VDC 6. Contacts: 1 = Standard 2 = Heavy Duty 7: Coil Suppression: Blank = Standard D = Diode (1N4005) Cathode on "86" terminal R = Resistor (680 Ohms) 2D = 2 diodes (1N4005) DR = Diode & Resistor (1N4005 & 680 Ohms) Cathode on "86" terminal ** Consult factory if other values are needed.
P
24VDC
2
DIMENSIONS - CTA3 (Units = mm)
Standard contacts (1) with PC Pins
Standard contacts (1) with Quick Connects
Heavy duty contacts (2) with PC Pins
Heavy duty contacts (2) with Quick Connects
CTA3
Distributor: Electro-Stock www.electrostock.com Tel: 630-682-1542 Fax: 630-682-1562
DIMENSIONS - CTA3F (Units = mm)
Standard contacts (1) with Quick Connects
Heavy duty contacts (2) with Quick Connects
DIMENSIONS - CTA3M (Units = mm)
Standard contacts (1) with Quick Connects
Heavy duty contacts (2) with Quick Connects
SCHEMATICS, PC PIN DIMENSIONS, & PC LAYOUTS (BOTTOM VIEWS)
1A
1B
1C
1U


▲Up To Search▲   

 
Price & Availability of CTA3FM1ASQ61

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X